|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 05/19/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Overview: Description: 0474940001 Active sim__smart_card 2.54mm (.100") Pitch SIM Card Connector, 8 Circuits, Housing Height 1.50mm (.059"), Lead Free Documents: 3D Model Drawing (PDF) Product Specification PS-47494-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only Memory Card Sockets 47494 N/A Housing Height: 1.50mm (.059") Header/Socket (Host) sim__smart_card SIM N/A EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. General Product Family Series Button Type Comments Component Type Overview Product Name Type Physical Card Detection Switch Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Ejector Button Side Entry Angle Keying to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Mounting Side PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Ports Temperature Range - Operating Termination Interface: Style No 8 8 Black 500 No Ejector Button Present Horizontal, Side Entry, Vertical None Phosphor Bronze Gold Gold High Temperature Thermoplastic 0.000 In 0.00 mm No Normal None Embossed Tape on Reel 0.100 In 2.54 mm 0.100 In 2.54 mm 32 0.80 2 0.05 0 -40C to +85C Surface Mount Search Parts in this Series 47494Series Mates With Standard SIM Card Use With SIM Card Electrical Current - Maximum per Contact Shielded Voltage - Maximum Voltage Key 0.5A No 15V DC N/A Solder Process Data Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 10 Reflow Capable (SMT only) 2 250 Material Info Reference - Drawing Numbers Packaging Specification Product Specification Sales Drawing PK-47494-001 PS-47494-001 SD-47494-001 This document was generated on 05/19/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of SD-47494-001 |